Part Number Hot Search : 
37XSTZ AD7769AP 1N6468 RB156 7C1462A CW080 B4815 AM27X512
Product Description
Full Text Search
 

To Download MUN5111DW1T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mun5111dw?1/11 1 3 2 MUN5111DW1T1 series sot - 363 case 419b style1 6 4 5 dual bias resistor transistors pnp silicon surface mount transistors with monolithic bias resistor network 1 3 2 6 4 5 q 1 q 2 r 1 r 2 r 1 r 2 xx marking diagram 13 2 6 45 device marking information see specific marking information in the device marking table on page 2 of this data sheet. xx = device marking = (see page 2) 256 (note 2.) 1.5 (note 1.) 2.0 (note 2.) maximum ratings (t a = 25c unless otherwise noted, common for q 1 and q 2 ) rating symbol value unit collector-base voltage v cbo ?50 vdc collector-emitter voltage v ceo ?50 vdc collector current i c ?100 madc thermal characteristics characteristic (one junction heated) symbol max unit total device dissipation p d 187 (note 1.) mw t a = 25c derate above 25c mw/c thermal resistance ? r ja 670 (note 1.) c/w junction-to-ambient 490 (note 2.) characteristic (both junctions heated) symbol max unit total device dissipation t a = 25c derate above 25c p d 250 (note 1.) 385 (note 2.) 2.0 (note 1.) 3.0 (note 2.) mw mw/c thermal resistance ? junction-to-ambient r ja 493 (note 1.) 325 (note 2.) c/w thermal resistance ? junction-to-lead r jl 188 (note 1.) 208 (note 2.) c/w junction and storage temperature t j , t stg ?55 to +150 c 1. fr?4 @ minimum pad 2. fr?4 @ 1.0 x 1.0 inch pad the brt (bias resistor transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base?emitter resistor. these digital transistors are designed to replace a single device and its external resistor bias network. the brt eliminates these individual components by integrating them into a single device. in the MUN5111DW1T1 series, two brt devices are housed in the sot?363 package which is ideal for low?power surface mount applications where board space is at a premium. . simplifies circuit design . reduces board space . reduces component count . available in 8 mm, 7 inch/3000 unit tape and reel
mun5111dw?2/11 device marking and resistor values device package marking r 1 (k) r 2 (k) shipping MUN5111DW1T1 sot?363 0a 10 10 3000/tape & reel mun5112dw1t1 sot?363 0b 22 22 3000/tape & reel mun5113dw1t1 sot?363 0c 47 47 3000/tape & reel mun5114dw1t1 sot?363 0d 10 47 3000/tape & reel mun5115dw1t1 (note 3.) sot?363 0e 10 ? 3000/tape & reel mun5116dw1t1 (note 3.) sot?363 0f 4.7 ? 3000/tape & reel mun5130dw1t1 (note 3.) sot?363 0g 1.0 1.0 3000/tape & reel mun5131dw1t1 (note 3.) sot?363 0h 2.2 2.2 3000/tape & reel mun5132dw1t1 (note 3.) sot?363 0j 4.7 4.7 3000/tape & reel mun5133dw1t1 (note 3.) sot?363 0k 4.7 47 3000/tape & reel mun5134dw1t1 (note 3.) sot?363 0l 22 47 3000/tape & reel mun5135dw1t1 (note 3.) sot?363 0m 2.2 47 3000/tape & reel mun5136dw1t1 (note 3.) sot?363 0n 100 100 3000/tape & reel mun5137dw1t1 (note 3.) sot?363 0p 47 22 3000/tape & reel electrical characteristics (t a = 25c unless otherwise noted, common for q 1 and q 2 ) characteristic symbol min typ max unit off characteristics collector-base cutoff current (v cb = ?50 v, i e = 0) i cbo ? ? ?100 nadc collector-emitter cutoff current (v ce = ?50 v, i b = 0) i ceo ? ? ?500 nadc emitter-base cutoff current MUN5111DW1T1 (v eb = ?6.0 v, i c = 0) mun5112dw1t1 mun5113dw1t1 mun5114dw1t1 mun5115dw1t1 mun5116dw1t1 mun5130dw1t1 mun5131dw1t1 mun5132dw1t1 mun5133dw1t1 mun5134dw1t1 mun5135dw1t1 mun5136dw1t1 mun5137dw1t1 MUN5111DW1T1 series i ebo ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?0.5 ?0.2 ?0.1 ?0.2 ?0.9 ?1.9 ?4.3 ?2.3 ?1.5 ?0.18 ?0.13 ?0.2 ?0.05 ?0.13 madc collector-base breakdown voltage (i c = ?10 a, i e = 0) v (br)cbo ?50 ? ? vdc collector-emitter breakdown voltage(note 4.)(i c = ?2.0 ma,i b =0) v (br)ceo ?50 ? ? vdc on characteristics (note 4.) collector-emitter saturation voltage (i c = ?10ma,i e = ?0.3 ma) v ce(sat) ? ? ?0.25 vdc (i c = ?10ma, i b = ?5ma) mun5130dw1t1/mun5131dw1t1 (i c = ?10ma, i b = ?1ma) mun5115dw1t1/mun5116dw1t1 mun5132dw1t1/mun5133dw1t1/mun5134dw1t1 3. new resistor combinations. updated curves to follow in subsequent data sheets. 4. pulse test: pulse width < 300 s, duty cycle < 2.0%
mun5111dw?3/11 electrical characteristics (t a = 25c unless otherwise noted, common for q 1 and q 2 ,) (continued) characteristic symbol min typ max unit on characteristics (note 5.) dc current gain MUN5111DW1T1 (v ce = ?10 v, i c = ?5.0 ma) mun5112dw1t1 mun5113dw1t1 mun5114dw1t1 mun5115dw1t1 mun5116dw1t1 mun5130dw1t1 mun5131dw1t1 mun5132dw1t1 mun5133dw1t1 mun5134dw1t1 mun5135dw1t1 mun5135dw1t1 mun5135dw1t1 MUN5111DW1T1 series h fe ? ? ? ? ? ? ? ? ? ? ? ? ? ? 35 60 80 80 160 160 3.0 8.0 15 80 80 80 80 80 60 100 140 140 250 250 5.0 15 27 140 130 140 130 140 output voltage (on) (v cc = ?5.0 v, v b = ?2.5 v, r l = 1.0 k ? ) MUN5111DW1T1 mun5112dw1t1 mun5114dw1t1 mun5115dw1t1 mun5116dw1t1 mun5130dw1t1 mun5131dw1t1 mun5132dw1t1 mun5133dw1t1 mun5134dw1t1 mun5135dw1t1 mun5113dw1t1 mun5136dw1t1 mun5137dw1t1 v ol ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 ?0.2 vdc (v cc = ?5.0 v, v b = ?3.5 v, r l = 1.0 k ? ) (v cc = ?5.0 v, v b = ?5.5 v, r l = 1.0 k ? ) (v cc = ?5.0 v, v b = ?4.0 v, r l = 1.0 k ? ) output voltage (off) (v cc = ?5.0 v, v b = ?0.5 v, r l = 1.0 k ? ) (v cc = ?5.0 v, v b = ?0.05 v, r l = 1.0 k ? ) mun5130dw1t1 (v cc = ?5.0 v, v b = ?0.25 v, r l = 1.0 k ? ) mun5115dw1t1 mun5116dw1t1 mun5131dw1t1 mun5133dw1t1 v oh ?4.9 ? ? vdc
mun5111dw?4/11 input resistor MUN5111DW1T1 mun5112dw1t1 mun5113dw1t1 mun5114dw1t1 mun5115dw1t1 mun5116dw1t1 mun5130dw1t1 mun5131dw1t1 mun5132dw1t1 mun5133dw1t1 mun5134dw1t1 mun5135dw1t1 mun5136dw1t1 mun5137dw1t1 MUN5111DW1T1 series electrical characteristics (t a = 25c unless otherwise noted, common for q 1 and q 2 ,) (continued) characteristic symbol min typ max unit on characteristics (note 5.) p d , power dissipation (mw) 300 250 200 150 100 50 0 t a , ambient temperature (c) figure 1. derating curve ?50 0 50 100 150 r 1 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 1.54 70 32.9 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 2.2 100 47 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 2.86 130 61.1 k ? resistor ratio MUN5111DW1T1/mun5112dw1t1/ mun5113dw1t1/mun5136dw1t1 mun5114dw1t1 mun5115dw1t1/mun5116dw1t1 mun5130dw1t1/mun5131dw1t1/mun5132dw1t1 mun5133dw1t1 mun5134dw1t1 mun5135dw1t1 mun5137dw1t1 r 1 /r 2 0.8 0.17 ? 0.8 0.055 0.38 0.038 1.7 1.0 0.21 ? 1.0 0.1 0.47 0.047 2.1 1.2 0.25 ? 1.2 0.185 0.56 0.056 2.6 5. pulse test: pulse width < 300 ms, duty cycle < 2.0%
mun5111dw?5/11 MUN5111DW1T1 series i c , collector current (ma) figure 2. v ce(sat) versus i c v r , reverse bias voltage (volts) figure 4. output capacitance i c , collector current (ma) figure 6. input voltage versus output current i c , collector current (ma) figure 3. dc current gain v in , input voltage (volts) i c , collector current (ma) v ce(sat) , maximum collector voltage (volts) v in , input voltage (volts) figure 5. output current versus input voltage 1 0.1 0.01 020 4050 h fe , dc current gain (normalized) 1000 100 10 1 10 100 4 3 2 1 0 01020304050 c ob capacitance (pf) 100 10 1 0.1 0.01 0.001 012345678910 100 10 1 0.1 01020304050 typical electrical characteristics ? MUN5111DW1T1
mun5111dw?6/11 MUN5111DW1T1 series typical electrical characteristics ? mun5112dw1t1 i c , collector current (ma) figure 7. v ce(sat) versus i c v r , reverse bias voltage (volts) figure 9. output capacitance i c ,collector current (ma) figure 11. input voltage versus output current i c , collector current (ma) figure 8. dc current gain v in , input voltage (volts) i c , collector current (ma) v ce(sat) , maximum collector voltage (volts) v in , input voltage (volts) figure 10. output current versus input voltage 10 1 0.1 0.01 020 4050 h fe , dc current gain (normalized) 1000 100 10 1 10 100 4 3 2 1 0 01020304050 c ob capacitance (pf) 100 10 1 0.1 0.01 0.001 012345678910 100 10 1 0.1 01020304050
mun5111dw?7/11 MUN5111DW1T1 series typical electrical characteristics ? mun5113dw1t1 i c , collector current (ma) figure 12. v ce(sat) versus i c v r , reverse bias voltage (volts) figure 14. output capacitance i c , collector current (ma) figure 16. input voltage versus output current i c , collector current (ma) figure 13. dc current gain v in , input voltage (volts) i c , collector current (ma) v ce(sat) , maximum collector voltage (volts) v in , input voltage (volts) figure 15. output current versus input oltage 1 0.1 0.01 0204050 h fe , dc current gain (normalized) 1000 100 10 1 10 100 1 0.8 0.6 0.4 0.2 0 01020304050 c ob capacitance (pf) 100 10 1 0.1 0.01 0.001 012345678910 100 10 1 0.1 01020304050
mun5111dw?8/11 MUN5111DW1T1 series typical electrical characteristics ? mun5114dw1t1 i c , collector current (ma) figure 17. v ce(sat) versus i c v r , reverse bias voltage (volts) figure 19. output capacitance i c ,collector current (ma) figure 21. input voltage versus output current i c , collector current (ma) figure 18. dc current gain v in , input voltage (volts) i c , collector current (ma) v ce(sat) , maximum collector voltage (volts) v in , input voltage (volts) figure 20. output current versus input oltage 1 0.1 0.01 0.001 020406080 h fe , dc current gain (normalized) 180 160 140 120 100 80 60 40 20 0 1 2 3 4 5101520405060708090100 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 1015202530 3540 4550 c ob capacitance (pf) 100 10 1 012345678910 10 1 0.1 01020304050
mun5111dw?9/11 mun5311dw1t1 series typical electrical characteristics ? mun5115dw1t1 i c , collector current (ma) figure 22. dc current gain h fe , dc current gain (normalized) 1000 100 1 10 100 i c , collector current (ma) figure 23. dc current gain h fe , dc current gain (normalized) 1000 100 1 10 100 typical electrical characteristics ? mun5116dw1t1
mun5111dw?10/11 MUN5111DW1T1 series typical electrical characteristics ? mun5136dw1t1 i c , collector current (ma) figure 24. maximum collector voltage versus collector current v r , reverse bias voltage (volts) figure 26. output capacitance i c , collector current (ma) figure 28. input voltage versus output current i c , collector current (ma) figure 25. dc current gain v in , input voltage (volts) i c , collector current (ma) v ce(sat) , maximum collector voltage (volts) v in , input voltage (volts) figure 27. output current versus input oltage 1 0.1 0.01 01 23 4567 h fe , dc current gain (normalized) 1000 100 10 1 1 10 100 1.2 1.0 0.8 0.6 0.4 0.2 0 0102030405060 c ob capacitance (pf) 100 10 1 0.1 012345678910 100 10 1 0 2 4 68101214161820
mun5111dw?11/11 MUN5111DW1T1 series typical electrical characteristics ? mun5137dw1t1 i c , collector current (ma) figure 29. maximum collector voltage versus collector current v r , reverse bias voltage (volts) figure 31. output capacitance i c , collector current (ma) figure 33. input voltage versus output current i c , collector current (ma) figure 30. dc current gain v in , input voltage (volts) i c , collector current (ma) v ce(sat) , maximum collector voltage (volts) v in , input voltage (volts) figure 32. output current versus input oltage 1 0.1 0.01 0 5 10 15 20 25 30 35 40 45 50 h fe , dc current gain (normalized) 1000 100 10 1 10 100 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30405060 c ob capacitance (pf) 100 10 1 0.1 0.01 0.001 0 123 4567891011 100 10 1 0 5 10 15 20 25


▲Up To Search▲   

 
Price & Availability of MUN5111DW1T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X